Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VCXOULNHFD Fiches technique(PDF) 5 Page - TEMEX

No de pièce VCXOULNHFD
Description  Ultra Low Noise Voltage Controlled Crystal Oscillator, General Specification (rev1)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEMEX [TEMEX]
Site Internet  http://www.temex.com
Logo TEMEX - TEMEX

VCXOULNHFD Fiches technique(HTML) 5 Page - TEMEX

  VCXOULNHFD Datasheet HTML 1Page - TEMEX VCXOULNHFD Datasheet HTML 2Page - TEMEX VCXOULNHFD Datasheet HTML 3Page - TEMEX VCXOULNHFD Datasheet HTML 4Page - TEMEX VCXOULNHFD Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Ultra Low Noise Voltage Controlled Crystal Oscillator,
General Specification (rev1)
December 5th, 2007
All information contained within this document is exclusive property of TEMEX, it is expressly forbidden to partially or totally reproduce or to disclose to a third
party without obtaining prior written permission from TEMEX.
5/5
Figure 2 : Phase noise curves @ 100 MHz
Above is represented in yellow, the theoretical curve of the phase noise in static conditions and in black
the phase noise in dynamic conditions.
Figure 3 : G-sensitivity of the oscillator
Above is represented the g-sensitivity of the oscillator



Html Pages

1 2 3 4 5