| Moteur de recherche de fiches techniques de composants électroniques |
|
ATVaultIC460-R Fiches technique(PDF) 13 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATVaultIC460-R Fiches technique(HTML) 13 Page - ATMEL Corporation |
|
13 / 30 page ![]() 13 TPR0441BX–SMS–09/09 ATVaultIC460 3.4 Timings 3.4.1 I²C Timings The table below describes the requirements for devices connected to the I²C Bus. The ATVaultIC460 I²C Interface meets or exceeds these requirements under the noted conditions. Timing symbols refer to Figure 3-1. Table 3-4. I²C Requirements Figure 3-1. I²C Timings Symbol Parameter Condition Min Max Unit tr Rise Time for both SDA and SCL TBD TBD ns tof Output Fall Time from VIHmin to VILmax TBD TBD ns fSCL SCL Clock Frequency TBD 100 kHz tHD;STA Hold Time (repeated) START Condition TBD TBD μs tLOW Low Period of the SCL Clock TBD TBD μs tHIGH High period of the SCL clock TBD TBD μs tSU;STA Set-up time for a repeated START condition TBD TBD μs tHD;DAT Data hold time TBD TBD μs tSU;DAT Data setup time TBD TBD ns tSU;STO Setup time for STOP condition TBD TBD μs tBUF Bus free time between a STOP and START condition TBD TBD μs tSU;STA tLOW tHIGH tLOW tof tHD;STA tHD;DAT tSU;DAT tSU;STO tBUF SCL SDA tr |