| Moteur de recherche de fiches techniques de composants électroniques |
|
ATmega328P Fiches technique(PDF) 297 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega328P Fiches technique(HTML) 297 Page - ATMEL Corporation |
|
297 / 448 page ![]() 297 8161D–AVR–10/09 ATmega48PA/88PA/168PA/328P Notes: 1. See ”Alternate Functions of Port C” on page 85 for description of RSTDISBL Fuse. 2. The SPIEN Fuse is not accessible in serial programming mode. 3. See ”WDTCSR – Watchdog Timer Control Register” on page 54 for details. 4. See Table 28-4 on page 318 for BODLEVEL Fuse decoding. Notes: 1. See ”Alternate Functions of Port C” on page 85 for description of RSTDISBL Fuse. 2. The SPIEN Fuse is not accessible in serial programming mode. 3. See ”WDTCSR – Watchdog Timer Control Register” on page 54 for details. 4. The default value of BOOTSZ[1:0] results in maximum Boot Size. See ”Pin Name Mapping” on page 300. WDTON(3) 4 Watchdog Timer Always On 1 (unprogrammed) EESAVE 3 EEPROM memory is preserved through the Chip Erase 1 (unprogrammed), EEPROM not reserved BODLEVEL2(4) 2 Brown-out Detector trigger level 1 (unprogrammed) BODLEVEL1(4) 1 Brown-out Detector trigger level 1 (unprogrammed) BODLEVEL0(4) 0 Brown-out Detector trigger level 1 (unprogrammed) Table 27-8. Fuse High Byte for ATmega328P High Fuse Byte Bit No Description Default Value RSTDISBL(1) 7 External Reset Disable 1 (unprogrammed) DWEN 6 debugWIRE Enable 1 (unprogrammed) SPIEN(2) 5 Enable Serial Program and Data Downloading 0 (programmed, SPI programming enabled) WDTON(3) 4 Watchdog Timer Always On 1 (unprogrammed) EESAVE 3 EEPROM memory is preserved through the Chip Erase 1 (unprogrammed), EEPROM not reserved BOOTSZ1 2 Select Boot Size (see Table 26-7 on page 289, Table 26-10 on page 290 and Table 26-13 on page 291 for details) 0 (programmed)(4) BOOTSZ0 1 Select Boot Size (see Table 26-7 on page 289, Table 26-10 on page 290 and Table 26-13 on page 291 for details) 0 (programmed)(4) BOOTRST 0 Select Reset Vector 1 (unprogrammed) Table 27-7. Fuse High Byte for ATmega48PA/88PA/168PA (Continued) High Fuse Byte Bit No Description Default Value |