| Moteur de recherche de fiches techniques de composants électroniques |
|
ATmega328P Fiches technique(PDF) 274 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega328P Fiches technique(HTML) 274 Page - ATMEL Corporation |
|
274 / 448 page ![]() 274 8161D–AVR–10/09 ATmega48PA/88PA/168PA/328P sbci YH, high(PAGESIZEB) Rdloop: lpm r0, Z+ ld r1, Y+ cpse r0, r1 rjmp Error sbiw loophi:looplo, 1 ;use subi for PAGESIZEB<=256 brne Rdloop ; return to RWW section ; verify that RWW section is safe to read Return: in temp1, SPMCSR sbrs temp1, RWWSB ; If RWWSB is set, the RWW section is not ready yet ret ; re-enable the RWW section ldi spmcrval, (1<<RWWSRE) | (1<<SELFPRGEN) rcallDo_spm rjmp Return Do_spm: ; check for previous SPM complete Wait_spm: in temp1, SPMCSR sbrc temp1, SELFPRGEN rjmp Wait_spm ; input: spmcrval determines SPM action ; disable interrupts if enabled, store status in temp2, SREG cli ; check that no EEPROM write access is present Wait_ee: sbic EECR, EEPE rjmp Wait_ee ; SPM timed sequence out SPMCSR, spmcrval spm ; restore SREG (to enable interrupts if originally enabled) out SREG, temp2 ret |