| Moteur de recherche de fiches techniques de composants électroniques |
|
ATmega16A Fiches technique(PDF) 45 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega16A Fiches technique(HTML) 45 Page - ATMEL Corporation |
|
45 / 352 page ![]() 45 8154B–AVR–07/09 ATmega16A the case if the Reset Vector is in the Application section while the Interrupt Vectors are in the Boot section or vice versa. Note: 1. The Boot Reset Address is shown in Table 25-6 on page 262. For the BOOTRST Fuse “1” means unprogrammed while “0” means programmed. The most typical and general program setup for the Reset and Interrupt Vector Addresses in ATmega16A is: Address Labels Code Comments $000 jmp RESET ; Reset Handler $002 jmp EXT_INT0 ; IRQ0 Handler $004 jmp EXT_INT1 ; IRQ1 Handler $006 jmp TIM2_COMP ; Timer2 Compare Handler $008 jmp TIM2_OVF ; Timer2 Overflow Handler $00A jmp TIM1_CAPT ; Timer1 Capture Handler $00C jmp TIM1_COMPA ; Timer1 CompareA Handler $00E jmp TIM1_COMPB ; Timer1 CompareB Handler $010 jmp TIM1_OVF ; Timer1 Overflow Handler $012 jmp TIM0_OVF ; Timer0 Overflow Handler $014 jmp SPI_STC ; SPI Transfer Complete Handler $016 jmp USART_RXC ; USART RX Complete Handler $018 jmp USART_UDRE ; UDR Empty Handler $01A jmp USART_TXC ; USART TX Complete Handler $01C jmp ADC ; ADC Conversion Complete Handler $01E jmp EE_RDY ; EEPROM Ready Handler $020 jmp ANA_COMP ; Analog Comparator Handler $022 jmp TWSI ; Two-wire Serial Interface Handler $024 jmp EXT_INT2 ; IRQ2 Handler $026 jmp TIM0_COMP ; Timer0 Compare Handler $028 jmp SPM_RDY ; Store Program Memory Ready Handler ; $02A RESET: ldi r16,high(RAMEND); Main program start $02B out SPH,r16 ; Set Stack Pointer to top of RAM $02C ldi r16,low(RAMEND) $02D out SPL,r16 $02E sei ; Enable interrupts $02F <instr> xxx :. :. :. Table 11-2. Reset and Interrupt Vectors Placement (1) BOOTRST IVSEL Reset address Interrupt Vectors Start Address 1 0 $0000 $0002 1 1 $0000 Boot Reset Address + $0002 0 0 Boot Reset Address $0002 0 1 Boot Reset Address Boot Reset Address + $0002 |