Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATmega164PA-CU Fiches technique(PDF) 29 Page - ATMEL Corporation

No de pièce ATmega164PA-CU
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega164PA-CU Fiches technique(HTML) 29 Page - ATMEL Corporation

Back Button ATmega164PA-CU Datasheet HTML 25Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 26Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 27Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 28Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 29Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 30Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 31Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 32Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 468 page
background image
29
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
7.6.4
GPIOR2 – General Purpose I/O Register 2
7.6.5
GPIOR1 – General Purpose I/O Register 1
7.6.6
GPIOR0 – General Purpose I/O Register 0
Note:
1. SRWn1 = SRW11 (upper sector) or SRW01 (lower sector), SRWn0 = SRW10 (upper sector) or
SRW00 (lower sector). The ALE pulse in period T4 is only present if the next instruction
accesses the RAM (internal or external).
Bit
7
6
543210
0x2B (0x4B)
MSB
LSB
GPIOR2
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
000000
Bit
76543210
0x2A (0x4A)
MSB
LSB
GPIOR1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
7
6
543210
0x1E (0x3E)
MSB
LSB
GPIOR0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More