Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATtiny4-TSHR Fiches technique(PDF) 45 Page - ATMEL Corporation

No de pièce ATtiny4-TSHR
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny4-TSHR Fiches technique(HTML) 45 Page - ATMEL Corporation

Back Button ATtiny4-TSHR Datasheet HTML 41Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 42Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 43Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 44Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 45Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 46Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 47Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 48Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 168 page
background image
45
8127C–AVR–10/09
ATtiny4/5/9/10
10.2.7
Program Example
The following code example shows how to set port B pin 0 high, pin 1 low, and define the port
pins from 2 to 3 as input with a pull-up assigned to port pin 2. The resulting pin values are read
back again, but as previously discussed, a nop instruction is included to be able to read back the
value recently assigned to some of the pins.
Note:
See “Code Examples” on page 5.
10.3 Alternate Port Functions
Most port pins have alternate functions in addition to being general digital I/Os. In Figure 10-6
below is shown how the port pin control signals from the simplified Figure 10-2 on page 41 can
be overridden by alternate functions.
Assembly Code Example
...
; Define pull-ups and set outputs high
; Define directions for port pins
ldi
r16,(1<<PUEB2)
ldi
r17,(1<<PB0)
ldi
r18,(1<<DDB1)|(1<<DDB0)
out
PUEB,r16
out
PORTB,r17
out
DDRB,r18
; Insert nop for synchronization
nop
; Read port pins
in
r16,PINB
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More