Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATtiny261-15MZ Fiches technique(PDF) 68 Page - ATMEL Corporation

No de pièce ATtiny261-15MZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-15MZ Fiches technique(HTML) 68 Page - ATMEL Corporation

Back Button ATtiny261-15MZ Datasheet HTML 64Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 65Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 66Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 67Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 68Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 69Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 70Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 71Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 227 page
background image
68
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
DI: Data Input in USI Three-wire mode. USI Three-wire mode does not override normal port
functions, so pin must be configure as an input for DI function.
SDA: Two-wire mode Serial Interface Data.
PCINT0: Pin Change Interrupt source 0.
Table 12-7 and Table 12-8 relate the alternate functions of Port A to the overriding signals
shown in Figure 12-5 on page 61.
Table 12-7.
Overriding Signals for Alternate Functions in PA7..PA4
Signal
Name
PA7/ADC6/AIN0/
PCINT7
PA6/ADC5/AIN1/
PCINT6
PA5/ADC4/AIN2/
PCINT5
PA4/ADC3/ICP0/
PCINT4
PUOE
000
0
PUOV
000
0
DDOE
000
0
DDOV
000
0
PVOE
000
0
PVOV
000
0
PTOE
000
0
DIEOE
PCINT7 • PCIE +
ADC6D
PCINT6 • PCIE +
ADC5D
PCINT5 • PCIE +
ADC4D
PCINT4 • PCIE +
ADC3D
DIEOV
ADC6D
ADC5D
ADC4D
ADC3D
DI
PCINT7
PCINT6
PCINT5
ICP0/PCINT4
AIO
ADC6, AIN0
ADC5, AIN1
ADC4, AIN2
ADC3
Table 12-8.
Overriding Signals for Alternate Functions in PA3..PA0
Signal
Name
PA3/AREF/
PCINT3
PA2/ADC2/INT1/
USCK/SCL/PCINT2
PA1/ADC1/DO/
PCINT1
PA0/ADC0/DI/SDA/
PCINT0
PUOE
0
0
0
0
PUOV
0
0
0
0
DDOE
0
USI_TWO_WIRE • USIPOS
0
USI_TWO_WIRE •
USIPOS
DDOV
0
(USI_SCL_HOLD +
PORTB2) • DDB2 • USIPOS
0
(SDA + PORTB0) •
DDRB0 • USIPOS
PVOE
0
USI_TWO_WIRE • DDRB2
USI_THREE_WIRE
• USIPOS
USI_TWO_WIRE •
DDRB0 • USIPOS
PVOV
0
0
DO • USIPOS
0
PTOE
0
USI_PTOE • USIPOS
0
0
DIEOE
PCINT3 • PCIE PCINT2 • PCIE + INT1 +
ADC2D + USISIE • USIPOS
PCINT1 • PCIE +
ADC1D
PCINT0 • PCIE + ADC0D
+ USISIE • USIPOS
DIEOV
0
ADC2D
ADC1D
ADC0D
DI
PCINT3
USCK/SCL/INT1/ PCINT2
PCINT1
DI/SDA/PCINT0
AIO
AREF
ADC2
ADC1
ADC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More