Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATtiny261-ESXZ Fiches technique(PDF) 3 Page - ATMEL Corporation

No de pièce ATtiny261-ESXZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-ESXZ Fiches technique(HTML) 3 Page - ATMEL Corporation

  ATtiny261-ESXZ Datasheet HTML 1Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 2Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 3Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 4Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 5Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 6Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 7Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 8Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 227 page
background image
3
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
1.1
Disclaimer
Typical values contained in this data sheet are based on simulations and characterization of
other AVR microcontrollers manufactured on the same process technology. Min and Max values
will be available after the device is characterized.
1.2
Automotive Quality Grade
The ATtiny261/461/861 have been developed and manufactured according to the most stringent
requirements of the international standard ISO-TS 16949. This data sheet contains limit values
extracted from the results of extensive characterization (Temperature and Voltage). The quality
and reliability of the ATtiny261/461/861 have been verified during regular product qualification as
per AEC-Q100 grade 1.
As indicated in the ordering information paragraph, the product is available in only one tempera-
ture grade, Table 1-1.
Table 1-1.
Temperature Grade Identification for Automotive Products
Temperature
Temperature
Identifier
Comments
-40; +125
Z
Full Automotive Temperature Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More