Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F64112DFB Fiches technique(PDF) 57 Page - Renesas Technology Corp

No de pièce R5F64112DFB
Description  RENESAS MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64112DFB Fiches technique(HTML) 57 Page - Renesas Technology Corp

Back Button R5F64112DFB Datasheet HTML 53Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 54Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 55Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 56Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 57Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 58Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 59Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 60Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 105 page
background image
REJ03B0227-0110 Rev.1.10 Sep 17, 2009
Page 57 of 99
R32C/111 Group
4. Special Function Registers (SFRs)
Table 4.22
SFR List (22)
Address
Register
Symbol
Reset Value
0400F0h Port P10_0 Function Select Register
P10_0S
0XXX X000b
0400F1h
0400F2h Port P10_1 Function Select Register
P10_1S
0XXX X000b
0400F3h
0400F4h Port P10_2 Function Select Register
P10_2S
0XXX X000b
0400F5h
0400F6h Port P10_3 Function Select Register
P10_3S
0XXX X000b
0400F7h
0400F8h Port P10_4 Function Select Register
P10_4S
0XXX X000b
0400F9h
0400FAh Port P10_5 Function Select Register
P10_5S
0XXX X000b
0400FBh
0400FCh Port P10_6 Function Select Register
P10_6S
0XXX X000b
0400FDh
0400FEh Port P10_7 Function Select Register
P10_7S
0XXX X000b
0400FFh
040100h
040101h
040102h
040103h
040104h
040105h
040106h
040107h
040108h
040109h
04010Ah
04010Bh
04010Ch
04010Dh
04010Eh
04010Fh
040110h
040111h
040112h
040113h
040114h
040115h
040116h
040117h
040118h
040119h
04011Ah
04011Bh
04011Ch
04011Dh
04011Eh
04011Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com