Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F64110NFB Fiches technique(PDF) 8 Page - Renesas Technology Corp

No de pièce R5F64110NFB
Description  RENESAS MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64110NFB Fiches technique(HTML) 8 Page - Renesas Technology Corp

Back Button R5F64110NFB Datasheet HTML 4Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 5Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 6Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 7Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 8Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 9Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 10Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 11Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 105 page
background image
REJ03B0227-0110 Rev.1.10 Sep 17, 2009
Page 8 of 99
R32C/111 Group
1. Overview
1.2
Product Information
Table 1.7 lists the product information and Figure 1.1 shows the details of the part number.
Notes:
1.
The old package codes are as follows:
PLQP0100KB-A: 100P6Q-A
PTLG0100KA-A: 100F0M
PLQP0080KB-A: 80P6Q-A
PLQP0064KB-A: 64P6Q-A
2.
Data flash memory provides an additional 8 Kbytes of ROM capacity.
Table 1.7
R32C/111 Group Product List
As of September, 2009
Part Number
Package Code (1) ROM Capacity (2) RAM Capacity
Remarks
R5F64110NFB
(P)
PLQP0100KB-A
256 Kbytes
+8 Kbyts
63 Kbytes
-20°C to 85°C (version N)
R5F64110DFB
-40°C to 85°C (version D)
R5F64111NFB
(P)
384 Kbytes
+8 Kbytes
-20°C to 85°C (version N)
R5F64111DFB
-40°C to 85°C (version D)
R5F64112NFB
(P)
512 Kbytes
+8 Kbytes
-20°C to 85°C (version N)
R5F64112DFB
-40°C to 85°C (version D)
R5F64114NFB
(P)
256 Kbytes
+8 Kbytes
40 Kbytes
-20°C to 85°C (version N)
R5F64114DFB
-40°C to 85°C (version D)
R5F64115NFB
(P)
384 Kbytes
+8 Kbytes
-20°C to 85°C (version N)
R5F64115DFB
-40°C to 85°C (version D)
R5F64116NFB
(P)
512 Kbytes
+8 Kbytes
-20°C to 85°C (version N)
R5F64116DFB
-40°C to 85°C (version D)
R5F64111NLG
PTLG0100KA-A
384 Kbytes
+8 Kbytes
63 Kbytes
-20°C to 85°C (version N)
R5F64111DLG
(P)
-40°C to 85°C (version D)
R5F64112NLG
512 Kbytes
+8 Kbytes
-20°C to 85°C (version N)
R5F64112DLG
(P)
-40°C to 85°C (version D)
R5F6411FNLG
256 Kbytes
+8 Kbytes
32 Kbytes
-20°C to 85°C (version N)
R5F6411FDLG
(P)
-40°C to 85°C (version D)
R5F6411ENFP
(P)
PLQP080KB-A
128 Kbytes
+8 Kbyts
32 Kbytes
-20°C to 85°C (version N)
R5F6411EDFP
(P)
-40°C to 85°C (version D)
R5F6411FNFP
(P)
256 Kbytes
+8 Kbyts
-20°C to 85°C (version N)
R5F6411FDFP
(P)
-40°C to 85°C (version D)
R5F6411ENFN
(P)
PLQP064KB-A
128 Kbytes
+8 Kbyts
32 Kbytes
-20°C to 85°C (version N)
R5F6411EDFN
(D)
-40°C to 85°C (version D)
R5F6411FNFN
(P)
256 Kbytes
+8 Kbyts
-20°C to 85°C (version N)
R5F6411FDFN
-40°C to 85°C (version D)
(D): Under development (P): On planning phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com