Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS1893 Fiches technique(PDF) 137 Page - Integrated Circuit Systems

No de pièce ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Fiches technique(HTML) 137 Page - Integrated Circuit Systems

Back Button ICS1893 Datasheet HTML 133Page - Integrated Circuit Systems ICS1893 Datasheet HTML 134Page - Integrated Circuit Systems ICS1893 Datasheet HTML 135Page - Integrated Circuit Systems ICS1893 Datasheet HTML 136Page - Integrated Circuit Systems ICS1893 Datasheet HTML 137Page - Integrated Circuit Systems ICS1893 Datasheet HTML 138Page - Integrated Circuit Systems ICS1893 Datasheet HTML 139Page - Integrated Circuit Systems ICS1893 Datasheet HTML 140Page - Integrated Circuit Systems ICS1893 Datasheet HTML 141Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 152 page
background image
Chapter 10
DC and AC Operating Conditions
ICS1893 Rev C 6/6/00
June, 2000
137
ICS1893 - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
10.5.11
10M Media Independent Interface: Transmit Latency
Table 10-18 lists the significant time periods for the 10M MII transmit latency. The time periods consist of
timings of signals on the following pins:
• TXEN
• TXCLK
• TXD (that is, TXD[3:0])
• TP_TX (that is, TP_TXP and TP_TXN)
Figure 10-12 shows the timing diagram for the time periods.
Figure 10-12.
10M MII Transmit Latency Timing Diagram
Table 10-18.
10M MII Transmit Latency Timing
Time
Period
Parameter
Conditions
Min.
Typ.
Max.
Units
t1
TXD Sampled to MDI Output of First Bit
10M MII
–
1.2
2
Bit times
TXCLK
TXEN
TXD
† Manchester
encoding is
not shown.
5
5
5
t1
TP_TX†



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More