| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS1893 Fiches technique(PDF) 10 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893 Fiches technique(HTML) 10 Page - Integrated Circuit Systems |
|
10 / 152 page ![]() ICS1893 Rev C 6/6/00 June, 2000 10 Revision History ICS1893 Data Sheet - Release Copyright © 2000, Integrated Circuit Systems, Inc. All rights reserved. • This release of this document, Rev C, is dated May 22, 2000. Change bars indicate where all changes are made. (For an explanation of change bars, see the Change Bar note on this page.) The following list also indicates where changes occur. – Table of Contents reflect page renumbering. – Table 3-1 value xxx changes from 000011b to 000100b – Section 6.5, “Twisted-Pair Interface”text changes. – Section 6.5.1, “Twisted-Pair Transmitter Interface”and Section 6.5.2, “Twisted-Pair Receiver Interface”are two new sections with two new figures. – Section 6.6, “Clock Reference Interface”reflects deletion of references to crystal oscillator, as the ICS1893 does not work with a crystal. (Section 6.6.1 and Section 6.6.2 are deleted.) – Section 6.8, “Status Interface”has two new notes, Notes 5 and 6. – A new figure, Figure 6-3, follows Section 6.8, “Status Interface”. – Table 8-9 value changes from F420 to F441. – Section 8.5.2, “Manufacturer's Model Number (bits 3.9:4)”text changes. – Table 8-10 value changes from 0000 to 0001. – In the following areas, ICS1894 changes to ICS1893: • Section 8.13.1, “Remote Jabber Detect (bit 18.15)” • Table 9-5 RXCLK pin description. • Table 9-6 RXCLK pin description. • Table 9-8 NC pin description. – In the following sections, pin 54 changes from VDD_IO to VDD: • Section 9.1, “ICS1893 Pin Diagram” • Section 9.2, “ICS1893 Pin Listings” • Section 9.3.6, “Ground and Power Pins” – Table 9-4 text changes for the REF_IN and REF_OUT pin descriptions. – Table 9-7 text changes for the RXTRI pin descriptions. – Section 9.3.6, “Ground and Power Pins”adds the VSS ground pin, pin 22. – Section 10.3, “Recommended Component Values”text changes. – A new figure, Figure 10-1, follows Section 10.3, “Recommended Component Values” . Change Bars Change bars on subsequent ICS1893 data sheets indicate new documents posted to the web. (Change bars within a new version of a document also indicates changes to the document.) – Sample change bar Rev D, 8/11/09 - added EOL note to ordering information per PDN U-09-01 |