Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS1893 Fiches technique(PDF) 30 Page - Integrated Circuit Systems

No de pièce ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Fiches technique(HTML) 30 Page - Integrated Circuit Systems

Back Button ICS1893_09 Datasheet HTML 26Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 27Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 28Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 29Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 30Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 31Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 32Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 33Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 34Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 152 page
background image
ICS1893 Rev C 6/6/00
June, 2000
30
Chapter 6
Interface Overviews
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
Table 6-2 lists the pin mappings for the ICS1893 10M Serial Interface mode.
Table 6-2.
Pin Mappings for 10M Serial Interface Mode
Default
10M / 100M
MII Pin Names
MAC/Repeater Interface Pin Mappings, Configured for
10M Serial Interface Mode
COL
10COL
CRS
10CRS
MDC
MDC
MDIO
MDIO
RXCLK
10RCLK
RXD0
10RD
RXD[3:1]
No connect. [Data reception is serial, so only the 10RD (RXD0) pin is needed.]
RXDV
10RXDV
RXER
No connect. (10Base-T mode does not support error generation or detection.)
TXCLK
10TCLK
TXD0
10TD
TXD[3:1]
No connect. [Data transmission is serial, so only the 10TD (TXD0) pin is needed.]
TXEN
10TXEN
TXER
No connect. (10Base-T mode does not support error generation or detection.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More