Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT45DB321D Fiches technique(PDF) 40 Page - ATMEL Corporation

No de pièce AT45DB321D
Description  32-megabit 2.7-volt DataFlash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D Fiches technique(HTML) 40 Page - ATMEL Corporation

Back Button AT45DB321D_09 Datasheet HTML 36Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 37Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 38Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 39Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 40Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 41Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 42Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 43Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
40
3597N–DFLASH–04/09
AT45DB321D
22. Write Operations
The following block diagram and waveforms illustrate the various write sequences available.
22.1 Buffer Write
22.2 Buffer to Main Memory Page Program (Data from Buffer Programmed into Flash Page)
FLASH MEMORY ARRAY
PAGE (512/528 BYTES)
BUFFER 2 (512/528 BYTES)
BUFFER 1 (512/528 BYTES)
I/O INTERFACE
SI
BUFFER 1 TO
MAIN MEMORY
PAGE PROGRAM
BUFFER 2 TO
MAIN MEMORY
PAGE PROGRAM
BUFFER 1
WRITE
BUFFER 2
WRITE
SI (INPUT)
CMD
Completes writing into selected buffer
CS
X
X···X, BFA9-8
BFA7-0
n
n+1
Last Byte
BINARY PAGE SIZE
15 DON'T CARE + BFA8-BFA0
SI (INPUT)
CMD
PA12-6
PA5-0, XX
CS
Starts self-timed erase/program operation
XXXX XX
Each transition
represents 8 bits
n = 1st byte read
n+1 = 2nd byte read
BINARY PAGE SIZE
A21-A9 + 9 DON'T CARE BITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57