| Moteur de recherche de fiches techniques de composants électroniques |
|
ATmega128 Fiches technique(PDF) 62 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega128 Fiches technique(HTML) 62 Page - ATMEL Corporation |
|
62 / 386 page ![]() 62 2467S–AVR–07/09 ATmega128 The most typical and general program setup for the Reset and Interrupt Vector Addresses in ATmega128 is: Address LabelsCode Comments $0000 jmp RESET ; Reset Handler $0002 jmp EXT_INT0 ; IRQ0 Handler $0004 jmp EXT_INT1 ; IRQ1 Handler $0006 jmp EXT_INT2 ; IRQ2 Handler $0008 jmp EXT_INT3 ; IRQ3 Handler $000A jmp EXT_INT4 ; IRQ4 Handler $000C jmp EXT_INT5 ; IRQ5 Handler $000E jmp EXT_INT6 ; IRQ6 Handler $0010 jmp EXT_INT7 ; IRQ7 Handler $0012 jmp TIM2_COMP ; Timer2 Compare Handler $0014 jmp TIM2_OVF ; Timer2 Overflow Handler $0016 jmp TIM1_CAPT ; Timer1 Capture Handler $0018 jmp TIM1_COMPA; Timer1 CompareA Handler $001A jmp TIM1_COMPB; Timer1 CompareB Handler $001C jmp TIM1_OVF ; Timer1 Overflow Handler $001E jmp TIM0_COMP ; Timer0 Compare Handler $0020 jmp TIM0_OVF ; Timer0 Overflow Handler $0022 jmp SPI_STC ; SPI Transfer Complete Handler $0024 jmp USART0_RXC; USART0 RX Complete Handler $0026 jmp USART0_DRE; USART0,UDR Empty Handler $0028 jmp USART0_TXC; USART0 TX Complete Handler $002A jmp ADC ; ADC Conversion Complete Handler $002C jmp EE_RDY ; EEPROM Ready Handler $002E jmp ANA_COMP ; Analog Comparator Handler $0030 jmp TIM1_COMPC; Timer1 CompareC Handler $0032 jmp TIM3_CAPT ; Timer3 Capture Handler $0034 jmp TIM3_COMPA; Timer3 CompareA Handler $0036 jmp TIM3_COMPB; Timer3 CompareB Handler $0038 jmp TIM3_COMPC; Timer3 CompareC Handler $003A jmp TIM3_OVF ; Timer3 Overflow Handler $003C jmp USART1_RXC; USART1 RX Complete Handler $003E jmp USART1_DRE; USART1,UDR Empty Handler $0040 jmp USART1_TXC; USART1 TX Complete Handler $0042 jmp TWI ; Two-wire Serial Interface Interrupt Handler $0044 jmp SPM_RDY ; SPM Ready Handler ; $0046 RESET:ldir16, high(RAMEND); Main program start $0047 out SPH,r16 ; Set stack pointer to top of RAM $0048 ldi r16, low(RAMEND) $0049 out SPL,r16 $004A sei ; Enable interrupts $004B <instr> xxx ... ... ... ... |