Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATmega128 Fiches technique(PDF) 203 Page - ATMEL Corporation

No de pièce ATmega128
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega128 Fiches technique(HTML) 203 Page - ATMEL Corporation

Back Button ATmega128 Datasheet HTML 199Page - ATMEL Corporation ATmega128 Datasheet HTML 200Page - ATMEL Corporation ATmega128 Datasheet HTML 201Page - ATMEL Corporation ATmega128 Datasheet HTML 202Page - ATMEL Corporation ATmega128 Datasheet HTML 203Page - ATMEL Corporation ATmega128 Datasheet HTML 204Page - ATMEL Corporation ATmega128 Datasheet HTML 205Page - ATMEL Corporation ATmega128 Datasheet HTML 206Page - ATMEL Corporation ATmega128 Datasheet HTML 207Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 386 page
background image
203
2467S–AVR–07/09
ATmega128
Note that arbitration is not allowed between:
•
A REPEATED START condition and a data bit
•
A STOP condition and a data bit
•
A REPEATED START and a STOP condition
It is the user software’s responsibility to ensure that these illegal arbitration conditions never
occur. This implies that in multi-master systems, all data transfers must use the same composi-
tion of SLA+R/W and data packets. In other words: All transmissions must contain the same
number of data packets, otherwise the result of the arbitration is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More