Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATmega16 Fiches technique(PDF) 81 Page - ATMEL Corporation

No de pièce ATmega16
Description  8-bit Microcontroller with 16K Bytes In-Syustem Programmable Flash
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16 Fiches technique(HTML) 81 Page - ATMEL Corporation

Back Button ATmega16 Datasheet HTML 77Page - ATMEL Corporation ATmega16 Datasheet HTML 78Page - ATMEL Corporation ATmega16 Datasheet HTML 79Page - ATMEL Corporation ATmega16 Datasheet HTML 80Page - ATMEL Corporation ATmega16 Datasheet HTML 81Page - ATMEL Corporation ATmega16 Datasheet HTML 82Page - ATMEL Corporation ATmega16 Datasheet HTML 83Page - ATMEL Corporation ATmega16 Datasheet HTML 84Page - ATMEL Corporation ATmega16 Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 357 page
background image
81
2466S–AVR–05/09
ATmega16(L)
Timer/Counter
Timing Diagrams
The Timer/Counter is a synchronous design and the timer clock (clk
T0) is therefore shown as a
clock enable signal in the following figures. The figures include information on when Interrupt
Flags are set. Figure 34 contains timing data for basic Timer/Counter operation. The figure
shows the count sequence close to the MAX value in all modes other than phase correct PWM
mode.
Figure 34. Timer/Counter Timing Diagram, no Prescaling
Figure 35 shows the same timing data, but with the prescaler enabled.
Figure 35. Timer/Counter Timing Diagram, with Prescaler (f
clk_I/O/8)
Figure 36 shows the setting of OCF0 in all modes except CTC mode.
clk
Tn
(clk
I/O/1)
TOVn
clk
I/O
TCNTn
MAX - 1
MAX
BOTTOM
BOTTOM + 1
TOVn
TCNTn
MAX - 1
MAX
BOTTOM
BOTTOM + 1
clk
I/O
clk
Tn
(clk
I/O/8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More