Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATSAM3U2CA-CU Fiches technique(PDF) 47 Page - ATMEL Corporation

No de pièce ATSAM3U2CA-CU
Description  AT91ARM M3 Cortex-based Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3U2CA-CU Fiches technique(HTML) 47 Page - ATMEL Corporation

Back Button ATSAM3U2CA-CU Datasheet HTML 43Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 44Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 45Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 46Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 47Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 48Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 49Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 50Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
47
6430BS–ATARM–01-Sep-09
SAM3U Series
11.2.2
PIO Controller B Multiplexing
Notes:
1. Wake-Up source in Backup mode (managed by the SUPC).
2. Fast Start-Up source in Wait mode (managed by the PMC).
Table 11-3.
Multiplexing on PIO Controller B (PIOB)
I/O Line
Peripheral A
Peripheral B
Extra Function
Comments
PB0
PWMH0
A2
WKUP13(1)(2)
PB1
PWMH1
A3
WKUP14(1)(2)
PB2
PWMH2
A4
WKUP15(1)(2)
PB3
PWMH3
A5
AD12B2
PB4
TCLK1
A6
AD12B3
PB5
TIOA1
A7
AD0
PB6
TIOB1
D15
AD1
PB7
RTS0
A0/NBS0
AD2
PB8
CTS0
A1
AD3
PB9
D0
DTR0
PB10
D1
DSR0
PB11
D2
DCD0
PB12
D3
RI0
PB13
D4
PWMH0
PB14
D5
PWMH1
PB15
D6
PWMH2
PB16
D7
PWMH3
PB17
NANDOE
PWML0
PB18
NANDWE
PWML1
PB19
NRD
PWML2
PB20
NCS0
PWML3
PB21
A21/NANDALE
RTS2
PB22
A22/NANDCLE
CTS2
PB23
NWR0/NWE
PCK2
PB24
NANDRDY
PCK1
PB25
D8
PWML0
Only on 144-pin version
PB26
D9
PWML1
Only on 144-pin version
PB27
D10
PWML2
Only on 144-pin version
PB28
D11
PWML3
Only on 144-pin version
PB29
D12
Only on 144-pin version
PB30
D13
Only on 144-pin version
PB31
D14
Only on 144-pin version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61