Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT91SAM9G45 Fiches technique(PDF) 13 Page - ATMEL Corporation

No de pièce AT91SAM9G45
Description  AT91 ARM Thumb-based Microcontrollers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G45 Fiches technique(HTML) 13 Page - ATMEL Corporation

Back Button AT91SAM9G45 Datasheet HTML 9Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 10Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 11Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 12Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 13Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 14Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 15Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 16Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
13
6438CS–ATARM–13-Oct-09
AT91SAM9G45
C13
D10
H4
PE13
M13
PB27
U4
PB3
C14
D6
H5
PE5
M14
VDDIOM0
U5
PB7
C15
D2
H6
PE7
M15
DDR_D14
U6
PB17
C16
GNDIOM
H7
PE9
M16
DDR_D15
U7
PD7
C17
A18
H8
PE10
M17
DDR_A0
U8
PD10
C18
A12
H9
GNDCORE
M18
DDR_A2
U9
PD14
D1
XOUT32
H10
GNDIOP
N1
PA3
U10
TCK
D2
PD20
H11
VDDCORE
N2
PA9
U11
VDDOSC
D3
GNDBU
H12
GNDIOM
N3
PA12
U12
GNDOSC
D4
VDDBU
H13
GNDIOM
N4
PA15
U13
PB10
D5
PC24
H14
DDR_CS
N5
PA16
U14
PB26
D6
PC18
H15
DDR_WE
N6
PA17
U15
HHSDPB/DHSDP
D7
PC13
H16
DDR_DQM1
N7
PB18
U16
HHSDMB/DHSDM
D8
PC6
H17
DDR_CAS
N8
PD6
U17
GNDUTMI
D9
NWR1/NBS1
H18
DDR_NCLK
N9
PD16
U18
VDDUTMIC
D10
NANDOE
J1
PE19
N10
NTRST
V1
PA31
D11
DQM1
J2
PE16
N11
PB9
V2
PB1
D12
D14
J3
PE14
N12
PB24
V3
PB2
D13
D9
J4
PE15
N13
PB28
V4
PB5
D14
D5
J5
PE12
N14
DDR_D13
V5
PB15
D15
D1
J6
PE17
N15
DDR_D8
V6
PD3
D16
VDDIOM1
J7
PE18
N16
DDR_D9
V7
PD5
D17
A11
J8
PE20
N17
DDR_D11
V8
PD12
D18
A10
J9
GNDCORE
N18
DDR_D12
V9
PD17
E1
PD21
J10
GNDCORE
P1
PA11
V10
TDO
E2
TSADVREF
J11
GNDIOP
P2
PA13
V11
XOUT
E3
VDDANA
J12
GNDIOM
P3
PA19
V12
XIN
E4
JTAGSEL
J13
GNDIOM
P4
PA21
V13
VDDPLLUTMI
E5
TST
J14
DDR_A12
P5
PA23
V14
VDDIOP2
E6
PC23
J15
DDR_A13
P6
PB12
V15
HFSDPB/DFSDP
E7
PC16
J16
DDR_CKE
P7
PB19
V16
HFSDMB/DFSDM
E8
PC8
J17
DDR_RAS
P8
PD8
V17
VDDUTMII
E9
PC1
J18
DDR_CLK
P9
PD28
V18
VBG
Table 4-1.
AT91SAM9G45 Pinout for 324-ball BGA Package
Pin
Signal Name
Pin
Signal Name
Pin
Signal Name
Pin
Signal Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54