Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EN56Q64-104FIP Fiches technique(PDF) 39 Page - Eon Silicon Solution Inc.

No de pièce EN56Q64-104FIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EON [Eon Silicon Solution Inc.]
Site Internet  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN56Q64-104FIP Fiches technique(HTML) 39 Page - Eon Silicon Solution Inc.

Back Button EN56Q64-104FIP Datasheet HTML 35Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 36Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 37Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 38Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 39Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 40Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 41Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 42Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 43Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
39
EN25Q64
Rev. E, Issue Date: 2009/10/19
A Block Erase (BE) instruction applied to a block which is protected by the Block Protect (BP3, BP2,
BP1, BP0) bits (see Table 3) is not executed.
The instruction sequence is shown in Figure 23.1 while using the Enable Quad I/O (EQIO) (38h) command.
Figure 23. Block Erase Instruction Sequence Diagram
Figure 23.1 Block/Sector Erase Instruction Sequence under EQIO Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60