| Moteur de recherche de fiches techniques de composants électroniques |
|
EN71PL03280 Fiches technique(PDF) 5 Page - Eon Silicon Solution Inc. |
|
|
|||||||||||||||||||||||||||||
EN71PL03280 Fiches technique(HTML) 5 Page - Eon Silicon Solution Inc. |
|
5 / 8 page ![]() This Data Sheet may be revised by subsequent versions ©2004 Eon Silicon Solution, Inc., www.eonssi.com or modifications due to changes in technical specifications. 5 EN71PL03280 Rev. A, Issue Date: 2009/5/5 Pin Description Signal Description A20–A0 21 Address Inputs (Common) DQ15–DQ0 16 Data Inputs/Outputs (Common) CE1#f Chip Enable 1 (Flash) CE1#ps Chip Enable 1 (pSRAM) CE2ps Chip Enable 2 (pSRAM) OE# Output Enable (Common) WE# Write Enable (Common) RY/BY# Ready/Busy Output (Flash) UB# Upper Byte Control (pSRAM) LB# Lower Byte Control (pSRAM) RESET# Hardware Reset Pin, Active Low (Flash) WP#/ACC Hardware Write Protect/Acceleration Pin (Flash) VCCf Flash 3.0 volt-only single power supply VCCps pSRAM Power Supply VSS Device Ground (Common) NC Pin Not Connected Internally Note: A9 = VID for HV Autoselect mode is not available for MCP product. Logic Symbol |