| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE4267 Fiches technique(PDF) 19 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4267 Fiches technique(HTML) 19 Page - Infineon Technologies AG |
|
19 / 22 page ![]() TLE 4267 Data Sheet 19 Rev. 2.5, 2007-03-20 Figure 10 PG-TO220-7-12 (Plastic Transistor Single Outline) Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). GPT09084 A B A 0.25 M Typical 9.8 ±0.15 0...0.15 1.27 0.6 ±0.1 ±0.1 1.27 4.4 B 0.05 1) All metal surfaces tin plated, except area of cut. C 8.5 1) 10 ±0.2 3.7-0.15 C 2.4 0.5 ±0.1 7x You can find all of our packages, sorts of packing and others in our Infineon Internet Page “Products”: http://www.infineon.com/products. Dimensions in mm SMD = Surface Mounted Device |