Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLE4262 Fiches technique(PDF) 13 Page - Infineon Technologies AG

No de pièce TLE4262
Description  5-V Low Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4262 Fiches technique(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4262 Datasheet HTML 8Page - Infineon Technologies AG TLE4262 Datasheet HTML 9Page - Infineon Technologies AG TLE4262 Datasheet HTML 10Page - Infineon Technologies AG TLE4262 Datasheet HTML 11Page - Infineon Technologies AG TLE4262 Datasheet HTML 12Page - Infineon Technologies AG TLE4262 Datasheet HTML 13Page - Infineon Technologies AG TLE4262 Datasheet HTML 14Page - Infineon Technologies AG TLE4262 Datasheet HTML 15Page - Infineon Technologies AG TLE4262 Datasheet HTML 16Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TLE 4262
Data Sheet
13
Rev. 2.8, 2008-05-19
Package Outlines
Figure 6
PG-DSO-14-30 (Plastic Dual Small Outline)
Green Product (RoHS compliant)
To meet the world-wide customer requirements for environmentally friendly products
and to be compliant with government regulations the device is available as a green
product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable
for Pb-free soldering according to IPC/JEDEC J-STD-020).
1) Does not include plastic or metal protrusion of 0.15 max. per side
2) Lead width can be 0.61 max. in dambar area
-0.2
8.75
1)
0.64
Index Marking
1.27
+0.10
0.41
0.1
1
14
2)
7
14x
8
±0.2
6
0.35 x 45˚
-0.2
4
1)
±0.25
-0.06
0.2 M AB
M
0.2
C
C
B
A
GPS01230
You can find all of our packages, sorts of packing and others in our
Infineon Internet Page “Products”: http://www.infineon.com/products.
Dimensions in mm
SMD = Surface Mounted Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16