| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS8524AYLF Fiches technique(PDF) 15 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS8524AYLF Fiches technique(HTML) 15 Page - Integrated Device Technology |
|
15 / 17 page ![]() 8524AY www.icst.com/products/hiperclocks.html REV. B AUGUST 1, 2007 15 ICS8524 LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER PACKAGE OUTLINE - Y SUFFIX FOR 64 LEAD TQFP, E-PAD TABLE 8. PACKAGE DIMENSIONS Reference Document: JEDEC Publication 95, MS-026 N O I T A I R A V C E D E J S R E T E M I L L I M N I S N O I S N E M I D L L A L O B M Y S D H - D C A M U M I N I ML A N I M O NM U M I X A M N 4 6 A - -- -0 2 . 1 1 A 5 0 . 00 1 . 05 1 . 0 2 A 5 9 . 00 . 15 0 . 1 b 7 1 . 02 2 . 07 2 . 0 c 9 0 . 0- -0 2 . 0 D C I S A B 0 0 . 2 1 1 D C I S A B 0 0 . 0 1 2 D . f e R 0 5 . 7 E C I S A B 0 0 . 2 1 1 E C I S A B 0 0 . 0 1 2 E . f e R 0 5 . 7 e C I S A B 0 5 . 0 L 5 4 . 00 6 . 05 7 . 0 θθθθθ 0 ° - - 7 ° c c c - -- -8 0 . 0 3 E & 3 D 0 . 2- -0 . 0 1 -HD VERSION HEAT SLUG DOWN |