| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS291 Fiches technique(PDF) 7 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS291 Fiches technique(HTML) 7 Page - Integrated Device Technology |
|
7 / 10 page ![]() ICS291 TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER EPROM CLOCK SYNTHESIZER IDT™ / ICS™ TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER 7 ICS291 REV D 061306 Marking Diagrams Marking Diagrams (Pb free) Notes: 1. ###### is the lot number. 2. YYWW is the last two digits of the year and week that the part was assembled. 3. “I” denotes industrial temperature range (if applicable). 4. “L” denotes Pb (lead) free package. 5. Bottom marking: country of origin. 1 10 11 20 ###### YYWW$$ 291PG 1 10 11 20 ###### YYWW$$ 291PGI 1 10 11 20 ###### YYWW 291PGL 1 10 11 20 ###### YYWW 291PGIL |