Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VP4-0860-R Fiches technique(PDF) 7 Page - Cooper Bussmann, Inc.

No de pièce VP4-0860-R
Description  Inductors and Transformers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COOPER [Cooper Bussmann, Inc.]
Site Internet  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

VP4-0860-R Fiches technique(HTML) 7 Page - Cooper Bussmann, Inc.

  VP4-0860-R Datasheet HTML 1Page - Cooper Bussmann, Inc. VP4-0860-R Datasheet HTML 2Page - Cooper Bussmann, Inc. VP4-0860-R Datasheet HTML 3Page - Cooper Bussmann, Inc. VP4-0860-R Datasheet HTML 4Page - Cooper Bussmann, Inc. VP4-0860-R Datasheet HTML 5Page - Cooper Bussmann, Inc. VP4-0860-R Datasheet HTML 6Page - Cooper Bussmann, Inc. VP4-0860-R Datasheet HTML 7Page - Cooper Bussmann, Inc. VP4-0860-R Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Each
VERSA-PAC can be configured in a variety of ways by simply connecting pins together on the Printed Circuit Board
(PCB). As shown below, the connections on the PCB are equal to the pin configuration statement shown at the bottom of the
schematic symbol. Connecting a number of windings in parallel will increase the current carrying capability, while connecting
in series will multiply the inductance. Each
VERSA-PAC part can be configured in at least 6 combinations for inductor use or
configured in at least 15 turns ratios for transformer applications. Given 25
VERSA-PAC part numbers, this allows for at least
500 magnetic configurations. The
PCM configurations can either be created by the designer or simply chosen from the existing
PCM diagrams. The following inductor example shows 6 windings in series, which result in an inductance of 36 times the base
inductance and 1 times the base current.
1
12
2
11
3
10
4
1
112
6
Component View
7
7
= 36 times the base
Inductance from Data Table.
L
TOTAL = 36 x LBASE
9
5
8
6
7
PIN CONFIGURATIONS
(2,12)(3,11)(4,10)(5,9)(6,8)
INDUCTOR EXAMPLE
FOR SIZES VP3, VP4 AND VP5
HOW TO PIN -CONFIGURE VERSA-PAC
®
The PCM configurations may be selected from the examples on the following pages or created by the designer. Six PCM
inductor and fifteen PCM transformer configurations and equivalent circuit schematics are shown. The printed circuit board
layout in each example illustrates the connections to obtain the desired inductance or turns ratio. The examples may be
used by the PCB designer to configure
VERSA-PAC as desired.
To assist the designer,
VERSA-PAC phasing, coupling and thermal issues have been considered in each of the PCM
configurations illustrated. Additionally, the inductance and current ratings, as a function of the respective base values from
the following Data Tables, are shown in each PCM example. Turns ratios are also given for each PCM Transformer shown.
It is important to carefully select the proper
VERSA-PAC part in order to minimize the component size without exceeding
the RMS current capability or saturating the core. The Data Tables indicate maximum ratings.
TRANSFORMER EXAMPLE
FOR SIZES VP3, VP4 AND VP5
1
12
2
11
3
10
4
112
67
9
5
8
6
7
1
12
2
7
L
PRIMARY = 1 x LBASE
I
PRI = 1 x IBASE
I
SEC = 1 x IBASE
1:5
PIN CONFIGURATIONS
(3,11)(4,10)(5,9)(6,8)
Each VERSA-PAC may be used in at least 15 transformer applications. More than 375 transformer combinations may be
achieved using the available 25 VERSA-PAC parts.
®
VERSA-PAC®
Inductors and Transformers
(Surface Mount)



Html Pages

1 2 3 4 5 6 7 8