| Moteur de recherche de fiches techniques de composants électroniques |
|
CPC1394GR Fiches technique(PDF) 2 Page - Clare, Inc. |
|
|
|||||||||||||||||||||||||||||
CPC1394GR Fiches technique(HTML) 2 Page - Clare, Inc. |
|
2 / 6 page ![]() www.clare.com 2 CPC1394 R01 Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied. Parameter Ratings Units Peak Blocking Voltage 600 V P Reverse Input Voltage 5 V Input Control Current 50 mA Peak (10ms) 1 A Input Power Dissipation 1 100 mW Total Package Dissipation 2 550 mW Isolation Voltage, Input to Output 5000 V rms Operational Temperature -40 to +85 ºC Storage Temperature -40 to +125 ºC 1 Derate Linearly 1.33 mW/ºC 2 Derate Linearly 3.00 mW/ºC Electrical absolute maximum ratings are at 25ºC Absolute Maximum Ratings Electrical Characteristics Parameters Conditions Symbol Min Typ Max Units Output Characteristics @ 25°C Load Current Continuous - I L - - 120 mA Peak t=10ms I LPK - - 400 On-resistance 1 I L=120mA R ON -26 35 Ω Off-State Leakage Current V L=600VP I LEAK -- 1 μA Switching Speeds Turn-On I F=5mA, VL=10V T ON - 0.85 5 ms Turn-Off T OFF - 0.46 3 Output Capacitance I F=0mA, VL=50V, f=1MHz C OUT -50 - pF Input Characteristics @ 25°C Input Control Current 2 I L=120mA I F - 0.45 2 mA Input Dropout Current - I F 0.2 0.4 - Input Voltage Drop I F=5mA V F 0.9 1.2 1.4 V Reverse Input Current V R=5V I R -- 10 μA Common Characteristics @ 25°C Input to Output Capacitance - C I/O -3 - pF 1 Within 1 second of time. 2 For temperatures >60ºC, an LED current of 4mA is recommended. |