Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CPC1394GV Fiches technique(PDF) 2 Page - Clare, Inc.

No de pièce CPC1394GV
Description  Single Pole OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARE [Clare, Inc.]
Site Internet  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1394GV Fiches technique(HTML) 2 Page - Clare, Inc.

  CPC1394GV Datasheet HTML 1Page - Clare, Inc. CPC1394GV Datasheet HTML 2Page - Clare, Inc. CPC1394GV Datasheet HTML 3Page - Clare, Inc. CPC1394GV Datasheet HTML 4Page - Clare, Inc. CPC1394GV Datasheet HTML 5Page - Clare, Inc. CPC1394GV Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
2
CPC1394
R01
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Ratings
Units
Peak Blocking Voltage
600
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
100
mW
Total Package Dissipation 2
550
mW
Isolation Voltage, Input to Output
5000
V
rms
Operational Temperature
-40 to +85
ºC
Storage Temperature
-40 to +125
ºC
1 Derate Linearly 1.33 mW/ºC
2 Derate Linearly 3.00 mW/ºC
Electrical absolute maximum ratings are at 25ºC
Absolute Maximum Ratings
Electrical Characteristics
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current
Continuous
-
I
L
-
-
120
mA
Peak
t=10ms
I
LPK
-
-
400
On-resistance 1
I
L=120mA
R
ON
-26
35
Ω
Off-State Leakage Current
V
L=600VP
I
LEAK
--
1
μA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
-
0.85
5
ms
Turn-Off
T
OFF
-
0.46
3
Output Capacitance
I
F=0mA, VL=50V, f=1MHz
C
OUT
-50
-
pF
Input Characteristics @ 25°C
Input Control Current 2
I
L=120mA
I
F
-
0.45
2
mA
Input Dropout Current
-
I
F
0.2
0.4
-
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
--
10
μA
Common Characteristics @ 25°C
Input to Output Capacitance
-
C
I/O
-3
-
pF
1 Within 1 second of time.
2 For temperatures >60ºC, an LED current of 4mA is recommended.



Html Pages

1 2 3 4 5 6