Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2514B Fiches technique(PDF) 9 Page - SMSC Corporation

No de pièce USB2514B
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2514B Fiches technique(HTML) 9 Page - SMSC Corporation

Back Button USB2514B Datasheet HTML 5Page - SMSC Corporation USB2514B Datasheet HTML 6Page - SMSC Corporation USB2514B Datasheet HTML 7Page - SMSC Corporation USB2514B Datasheet HTML 8Page - SMSC Corporation USB2514B Datasheet HTML 9Page - SMSC Corporation USB2514B Datasheet HTML 10Page - SMSC Corporation USB2514B Datasheet HTML 11Page - SMSC Corporation USB2514B Datasheet HTML 12Page - SMSC Corporation USB2514B Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251x
9
Revision 1.0 (3-11-09)
DATASHEET
Supports custom string descriptors (up to 31 characters):
- Product string
- Manufacturer string
- Serial number string
When available, pin selectable options for default configuration may include:
-Downstream ports as non-removable ports
-Downstream ports as disabled ports
-Downstream port power control and over-current detection on a ganged or individual basis
-USB signal drive strength
-USB differential pair pin location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72