Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2513B Fiches technique(PDF) 13 Page - SMSC Corporation

No de pièce USB2513B
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2513B Fiches technique(HTML) 13 Page - SMSC Corporation

Back Button USB2513B Datasheet HTML 9Page - SMSC Corporation USB2513B Datasheet HTML 10Page - SMSC Corporation USB2513B Datasheet HTML 11Page - SMSC Corporation USB2513B Datasheet HTML 12Page - SMSC Corporation USB2513B Datasheet HTML 13Page - SMSC Corporation USB2513B Datasheet HTML 14Page - SMSC Corporation USB2513B Datasheet HTML 15Page - SMSC Corporation USB2513B Datasheet HTML 16Page - SMSC Corporation USB2513B Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251x
13
Revision 1.0 (3-11-09)
DATASHEET
Figure 5.2 3-Port 36-pin QFN
Note: *Battery charging enable (BC_EN) is only available in the USB251xB/Bi.
Ground Pad
(must be connected to VSS)
SMSC
USB2513/13i
USB2513B/13Bi
(Top View QFN-36)
18
PRTPWR[3] / BC_EN[3]*
17
OCS_N[2]
16
PRTPWR[2] / BC_EN[2]*
15
OCS_N[1]
14
VDD33
13
CRFILT
12
PRTPWR[1] / BC_EN[1]*
11
TEST
10
VDD33
SUSP_IND / LOCAL_PWR / NON_REM[0]
28
VDD33
29
USBDP_UP
31
XTALOUT
32
XTALIN / CLKIN
33
RBIAS
36
VDD33
35
PLLFILT
34
USBDM_UP
30
Indicates pins on the bottom of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72