Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2512A Fiches technique(PDF) 10 Page - SMSC Corporation

No de pièce USB2512A
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512A Fiches technique(HTML) 10 Page - SMSC Corporation

Back Button USB2512A Datasheet HTML 6Page - SMSC Corporation USB2512A Datasheet HTML 7Page - SMSC Corporation USB2512A Datasheet HTML 8Page - SMSC Corporation USB2512A Datasheet HTML 9Page - SMSC Corporation USB2512A Datasheet HTML 10Page - SMSC Corporation USB2512A Datasheet HTML 11Page - SMSC Corporation USB2512A Datasheet HTML 12Page - SMSC Corporation USB2512A Datasheet HTML 13Page - SMSC Corporation USB2512A Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (3-11-09)
10
SMSC USB251x
DATASHEET
Chapter 3 Acronyms
I2C®: Inter-Integrated Circuit1
OCS: Over-Current Sense
PCB: Printed Circuit Board
PHY: Physical Layer
PLL: Phase-Locked Loop
QFN: Quad Flat No Leads
RoHS: Restriction of Hazardous Substances Directive
SCL: Serial Clock
SIE: Serial Interface Engine
SMBus: System Management Bus
TT: Transaction Translator
1.I2C is a registered trademark of Philips Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72