| Moteur de recherche de fiches techniques de composants électroniques |
|
USB2517 Fiches technique(PDF) 13 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2517 Fiches technique(HTML) 13 Page - SMSC Corporation |
|
13 / 72 page ![]() USB 2.0 Hi-Speed Hub Controller Datasheet SMSC USB251x 13 Revision 1.0 (3-11-09) DATASHEET Figure 5.2 3-Port 36-pin QFN Note: *Battery charging enable (BC_EN) is only available in the USB251xB/Bi. Ground Pad (must be connected to VSS) SMSC USB2513/13i USB2513B/13Bi (Top View QFN-36) 18 PRTPWR[3] / BC_EN[3]* 17 OCS_N[2] 16 PRTPWR[2] / BC_EN[2]* 15 OCS_N[1] 14 VDD33 13 CRFILT 12 PRTPWR[1] / BC_EN[1]* 11 TEST 10 VDD33 SUSP_IND / LOCAL_PWR / NON_REM[0] 28 VDD33 29 USBDP_UP 31 XTALOUT 32 XTALIN / CLKIN 33 RBIAS 36 VDD33 35 PLLFILT 34 USBDM_UP 30 Indicates pins on the bottom of the device. |