Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP3003 Fiches technique(PDF) 8 Page - Littelfuse

No de pièce SP3003
Description  Low Capacitance ESD Protection Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3003 Fiches technique(HTML) 8 Page - Littelfuse

  SP3003 Datasheet HTML 1Page - Littelfuse SP3003 Datasheet HTML 2Page - Littelfuse SP3003 Datasheet HTML 3Page - Littelfuse SP3003 Datasheet HTML 4Page - Littelfuse SP3003 Datasheet HTML 5Page - Littelfuse SP3003 Datasheet HTML 6Page - Littelfuse SP3003 Datasheet HTML 7Page - Littelfuse SP3003 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
42
©2008 Littelfuse, Inc.
Silicon Protection ArraysTM
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Low Capacitance ESD Protection Array
SP3003 Lead-Free/Green Series
Embossed Carrier Tape & Reel Specification - MSOP-10
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.064
0.072
F
5.40
5.60
0.212
0.220
D
1.50
1.60
0.059
0.062
D1
1.50 Min
0.059 Min
P0
3.90
4.10
0.153
0.161
10P0
40.0+/- 0.20
1.574+/-0.007
W
11.90
12.10
0.468
0.476
P
7.90
8.10
0.311
0.318
A0
5.20
5.40
0.204
0.212
B0
3.20
3.40
0.125
0.133
K0
1.20
1.40
0.047
0.055
t
0.30 +/- 0.05
0.011+/- 0.001



Html Pages

1 2 3 4 5 6 7 8