Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CM6800AGIS Fiches technique(PDF) 18 Page - Champion Microelectronic Corp.

No de pièce CM6800AGIS
Description  LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHAMP [Champion Microelectronic Corp.]
Site Internet  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6800AGIS Fiches technique(HTML) 18 Page - Champion Microelectronic Corp.

Back Button CM6800AGIS Datasheet HTML 10Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 11Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 12Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 13Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 14Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 15Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 16Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 17Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 18Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
CM6800A
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
2009/08/10 Rev. 1.6
Champion Microelectronic Corporation
Page 18
IMPORTANT NOTICE
Champion Microelectronic Corporation (CMC) reserves the right to make changes to its products or to
discontinue any integrated circuit product or service without notice, and advises its customers to obtain
the latest version of relevant information to verify, before placing orders, that the information being relied
on is current.
A few applications using integrated circuit products may involve potential risks of death, personal injury, or
severe property or environmental damage. CMC integrated circuit products are not designed, intended,
authorized, or warranted to be suitable for use in life-support applications, devices or systems or other
critical applications. Use of CMC products in such applications is understood to be fully at the risk of the
customer. In order to minimize risks associated with the customer’s applications, the customer should
provide adequate design and operating safeguards.
HsinChu Headquarter
Sales & Marketing
5F, No. 11, Park Avenue II,
Science-Based Industrial Park,
HsinChu City, Taiwan
21F., No. 96, Sec. 1, Sintai 5th Rd., Sijhih City,
Taipei County 22102,
Taiwan, R.O.C.
T E L : +886-3-567 9979
T E L : +886-2-2696 3558
FAX: +886-3-567 9909
F A X : +886-2-2696 3559
http://www.champion-micro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18