| Moteur de recherche de fiches techniques de composants électroniques |
|
PT5621 Fiches technique(PDF) 1 Page - Princeton Technology Corp |
|
|
|||||||||||||||||||||||||||||
PT5621 Fiches technique(HTML) 1 Page - Princeton Technology Corp |
|
1 / 4 page ![]() PT5621 Three-Way Ballast Controller Tel: 886-66296288‧Fax: 886-29174598‧ http://www.princeton.com.tw‧2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan DESCRIPTION The PT5621 is an electronic ballast controller IC specifically for three-way dimming fluorescent lamps. The features of the controller include negative-feedback closed-loop control of the lamp current, programmable preheat time, low start-up current and precise oscillating frequency. PT5621 is available in both DIP16 and SOP16 packages. APPLICATION • Various types of fluorescent lamps/CFL (specifically for three-way dimming application) FEATURES • Three-way dimming fluorescent lamp electronic ballast • Closed-loop control of the lamp current • Precise working frequency control • Programmable preheat time • Constant frequency preheat, sweeping frequency ignition • Fixed dead time • Supporting low luminance Ignition • Supporting DIP16/SOP16 packages BLOCK DIAGRAM |
Numéro de pièce similaire - PT5621 |
|
Description similaire - PT5621 |