Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

56F8367 Fiches technique(PDF) 95 Page - Freescale Semiconductor, Inc

No de pièce 56F8367
Description  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Fiches technique(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button 56F8367_09 Datasheet HTML 91Page - Freescale Semiconductor, Inc 56F8367_09 Datasheet HTML 92Page - Freescale Semiconductor, Inc 56F8367_09 Datasheet HTML 93Page - Freescale Semiconductor, Inc 56F8367_09 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8367_09 Datasheet HTML 95Page - Freescale Semiconductor, Inc 56F8367_09 Datasheet HTML 96Page - Freescale Semiconductor, Inc 56F8367_09 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8367_09 Datasheet HTML 98Page - Freescale Semiconductor, Inc 56F8367_09 Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 182 page
background image
Register Descriptions
56F8367 Technical Data, Rev. 9
Freescale Semiconductor
95
Preliminary
5.6.7.1
Timer C, Channel 0 Interrupt Priority Level (TMRC0 IPL)—Bits 15–14
This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2.
They are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
5.6.7.2
Timer D, Channel 3 Interrupt Priority Level (TMRD3 IPL)—Bits 13–12
This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2.
They are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
5.6.7.3
Timer D, Channel 2 Interrupt Priority Level (TMRD2 IPL)—Bits 11–10
This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2.
They are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
5.6.7.4
Timer D, Channel 1 Interrupt Priority Level (TMRD1 IPL)—Bits 9–8
This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2.
They are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
5.6.7.5
Timer D, Channel 0 Interrupt Priority Level (TMRD0 IPL)—Bits 7–6
This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2.
They are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More