Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAS6013 Fiches technique(PDF) 5 Page - Micro Analog systems

No de pièce MAS6013
Description  Stepper Motor Driver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAS [Micro Analog systems]
Site Internet  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6013 Fiches technique(HTML) 5 Page - Micro Analog systems

  MAS6013 Datasheet HTML 1Page - Micro Analog systems MAS6013 Datasheet HTML 2Page - Micro Analog systems MAS6013 Datasheet HTML 3Page - Micro Analog systems MAS6013 Datasheet HTML 4Page - Micro Analog systems MAS6013 Datasheet HTML 5Page - Micro Analog systems MAS6013 Datasheet HTML 6Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5 (6)
DA6013.000
24 April, 2008
SAMPLES IN SBDIL 20 PACKAGE
1
2
3
INP1
4
INP2
5
INP3
6
INP4
7
VSS
8
9
10
20
19
18 VDD
17 OUT1
16 OUT2
15 OUT3
14 OUT4
13
12
11
Top Marking Definitions:
YYWW = Year Week
XXXXX.X = Lot Number
PIN DESCRIPTION
Pin Name
Pin
Type
Function
Note
1
NC
2
NC
3
NC
INP1
4
DI
Stepper Motor Driver Input 1
INP2
5
DI
Stepper Motor Driver Input 2
INP3
6
DI
Stepper Motor Driver Input 3
INP4
7
DI
Stepper Motor Driver Input 4
VSS
8
G
Ground
9
NC
10
NC
11
NC
12
NC
13
NC
OUT4
14
DO
Stepper Motor Driver Output 4
OUT3
15
DO
Stepper Motor Driver Output 3
OUT2
16
DO
Stepper Motor Driver Output 2
OUT1
17
DO
Stepper Motor Driver Output 1
VDD
18
P
Supply Voltage
19
NC
20
NC
A = Analog, D = Digital, P = Power, G = Ground, I = Input, O = Output, NC = Not Connected



Html Pages

1 2 3 4 5 6