Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM6346-44ARTZ-R7 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADM6346-44ARTZ-R7
Description  Ultralow Power, 3-Lead, SOT-23 Microprocessor Reset Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM6346-44ARTZ-R7 Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADM6346-44ARTZ-R7 Datasheet HTML 4Page - Analog Devices ADM6346-44ARTZ-R7 Datasheet HTML 5Page - Analog Devices ADM6346-44ARTZ-R7 Datasheet HTML 6Page - Analog Devices ADM6346-44ARTZ-R7 Datasheet HTML 7Page - Analog Devices ADM6346-44ARTZ-R7 Datasheet HTML 8Page - Analog Devices ADM6346-44ARTZ-R7 Datasheet HTML 9Page - Analog Devices ADM6346-44ARTZ-R7 Datasheet HTML 10Page - Analog Devices ADM6346-44ARTZ-R7 Datasheet HTML 11Page - Analog Devices ADM6346-44ARTZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADM6326/ADM6328/ADM6346/ADM6348
Rev. 0 | Page 8 of 12
OUTLINE DIMENSIONS
3.04
2.90
2.80
COMPLIANT TO JEDEC STANDARDS TO-236-AB
1
2
3
SEATING
PLANE
2.64
2.10
1.40
1.30
1.20
2.05
1.78
0.100
0.013
1.03
0.89
0.60
0.45
0.51
0.37
1.12
0.89
0.180
0.085
0.25
0.54
REF
GAUGE
PLANE
0.60 MAX
0.30 MIN
1.02
0.95
0.88
Figure 10. 3-Lead Small Outline Transistor Package [SOT-23-3]
(RT-3)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12