| Moteur de recherche de fiches techniques de composants électroniques |
|
ADN2531ACPZ-R7 Fiches technique(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADN2531ACPZ-R7 Fiches technique(HTML) 17 Page - Analog Devices |
|
17 / 20 page ![]() ADN2531 Rev. 0 | Page 17 of 20 e actual resistance of the TOSA The value of K depends on th This example assumes that the nominal value of IBIAS is 40 mA and can be obtained from Figure 35. For a TOSA resistance of 12 Ω, the typical value of K is 110 mA/V. Assuming that IMOD = 40 mA and using the preceding equation, the MSET voltage is given by and that the IBIAS range for all operating conditions is 10 mA to 80 mA. The accuracy of the IBIAS to IBMON ratio is given in Tabl and is plotted in Fig 1 e 1 e h t c t accuracy is mum IBIAS of 10 mA and ±3.0% for the max entage of BIAS is given by ure 4 . 41, t e IBMON outpu urren Referring to Figur ±4.3% for the mini V 36 . 0 110 40 mA/V 110 (mA) = = = MOD MSET I V The MSET voltage range can be calculated using the required IMOD range and the minim imum IBIAS value of 80 mA. The accuracy of the IBMON output current as a perc the nominal I um and maximum K values. These values can be obtained from the minimum and maximum curves in Figure 35. IBIAS Monitor Accuracy Calculations 4 5 6 % 075 . 1 mA 40 100 100 3 . 4 mA 10 _ ± = × = MIN Accuracy IBMON for the minimum IBIAS value, and by 0 0 20 % 0 . 6 mA 40 100 100 0 . 3 mA 80 _ ± = × = MAX Accuracy IBMON 1 2 3 100 80 60 40 IBIAS (mA) Figure 41. Accuracy of IBIAS to IBMON Ratio for the maximum IBIAS value. This gives a worse-case accuracy for the IBMON output current of ±6.0% of the nominal IBIAS value over all operating conditions. The IBMON output curr accuracy numbers can b ent e combined with the accuracy numbers for t nd any other error c voltage. he 750 Ω IBMON resistor (RIBMON) a sources to cal ulate an overall accuracy for the IBMON |