Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSD491 Fiches technique(PDF) 2 Page - PACELEADER INDUSTRIAL

No de pièce PSD491
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PACELEADER [PACELEADER INDUSTRIAL]
Site Internet  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PSD491 Fiches technique(HTML) 2 Page - PACELEADER INDUSTRIAL

  PSD491 Datasheet HTML 1Page - PACELEADER INDUSTRIAL PSD491 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATING AND CHARACTERISTICS CURVES PSD490 THRU PSD491
PSD490 thru PSD491
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SURFACE MOUNT SCHOTTKY BARRIER DIODES
175
150
125
100
75
50
25
0
.01
.05
.1
.5
1
50
10
100
5
REVERSE VOLTAGE (V)
FIG .4 Typical Junction Capacitance
1.2
1.0
0.8
0.6
0.4
0.2
0
0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE ( C)
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
FIG.2 Typical Forward Current Derating Curve
0
20
40
60
80
100
120
140
PERCENTAGE RATED PEAK REVERSE VOLTAGE
100
10
1.0
.1
.01
Tj=75 C
Tj=25 C
FIG.3 Typical Reverse Characteristics
50
10
3.0
1.0
0.1
.01
.1
.3
.5
.7
.9
1.1
1.3
1.5
FORWARE VOLTAGE.(V)
T=25 C
Pulse Width 300us
1% Duty Cycle
FIG.1 Typcial Forward Characteristics
www.paceleader.tw



Html Pages

1 2