| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8377ECVRANDA Fiches technique(PDF) 94 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8377ECVRANDA Fiches technique(HTML) 94 Page - Freescale Semiconductor, Inc |
|
94 / 124 page ![]() MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 94 Freescale Semiconductor Package and Pin Listings LCLK1 C23 O LBVDD — LCLK2 B23 O LBVDD — LCS_B0 D25 O LBVDD — LCS_B1 F19 O LBVDD — LCS_B2 C27 O LBVDD — LCS_B3 D24 O LBVDD — LCS_B4/LDP0 C24 I/O LBVDD — LCS_B5/LDP1 B29 I/O LBVDD — LA7/LCS_B6/LDP2 E29 I/O LBVDD — LA8/LCS_B7/LDP3 F29 I/O LBVDD — LFCLE/LGPL0 D21 O LBVDD — LFALE/LGPL1 A26 O LBVDD — LFRE_B/LGPL2/LOE_B F22 O LBVDD — LFWP_B/LGPL3 C21 O LBVDD — LGPL4/LFRB_B/LGTA_B/ LUPWAIT/LPBSE J29 I/O LBVDD — LA9/LGPL5 G29 O LBVDD — LSYNC_IN A21 I LBVDD — LSYNC_OUT D23 O LBVDD — LWE_B0/LFWE0/LBS_B0 E22 O LBVDD — LWE_B1/LFWE1/LBS_B1 B25 O LBVDD — LWE_B2/LFWE2/LBS_B2 E27 O LBVDD — LWE_B3/LFWE3/LBS_B3 F28 O LBVDD — eTSEC1/GPIO1/GPIO2/CFG_RESET Interface TSEC1_COL/GPIO2[20] AF22 I/O LVDD1 — TSEC1_CRS/GPIO2[21] AE20 I/O LVDD1 — TSEC1_GTX_CLK AJ25 O LVDD1 — TSEC1_RX_CLK AG22 I LVDD1 — TSEC1_RX_DV AD19 I LVDD1 — TSEC1_RX_ER/GPIO2[25] AD20 I/O LVDD1 — TSEC1_RXD0 AD22 I LVDD1 — TSEC1_RXD1 AE21 I LVDD1 — TSEC1_RXD2 AE22 I LVDD1 — Table 71. TePBGA II Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |