Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8379ECVRAGDA Fiches technique(PDF) 84 Page - Freescale Semiconductor, Inc

No de pièce MPC8379ECVRAGDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8379ECVRAGDA Fiches technique(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MPC8379ECVRAGDA Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8379ECVRAGDA Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8379ECVRAGDA Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8379ECVRAGDA Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8379ECVRAGDA Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8379ECVRAGDA Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8379ECVRAGDA Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8379ECVRAGDA Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8379ECVRAGDA Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 114 page
background image
MPC8379E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
84
Freescale Semiconductor
Package and Pin Listings
LAD7
F23
I/O
LBVDD
—
LAD8
E25
I/O
LBVDD
—
LAD9
E26
I/O
LBVDD
—
LAD10
A23
I/O
LBVDD
—
LAD11
F24
I/O
LBVDD
—
LAD12
G24
I/O
LBVDD
—
LAD13
F25
I/O
LBVDD
—
LAD14
H28
I/O
LBVDD
—
LAD15
G25
I/O
LBVDD
—
LA11/LAD16
F27
I/O
LBVDD
—
LA12/LAD17
B21
I/O
LBVDD
—
LA13/LAD18
A25
I/O
LBVDD
—
LA14/LAD19
C28
I/O
LBVDD
—
LA15/LAD20
H24
I/O
LBVDD
—
LA16/LAD21
E23
I/O
LBVDD
—
LA17/LAD22
B28
I/O
LBVDD
—
LA18/LAD23
D28
I/O
LBVDD
—
LA19/LAD24
A27
I/O
LBVDD
—
LA20/LAD25
C25
I/O
LBVDD
—
LA21/LAD26
B27
I/O
LBVDD
—
LA22/LAD27
H27
I/O
LBVDD
—
LA23/LAD28
E21
I/O
LBVDD
—
LA24/LAD29
F20
I/O
LBVDD
—
LA25/LAD30
D29
I/O
LBVDD
—
LA26/LAD31
E20
I/O
LBVDD
—
LA27
H26
O
LBVDD
—
LA28
C29
O
LBVDD
—
LA29
E28
O
LBVDD
—
LA30
B26
O
LBVDD
—
LA31
J25
O
LBVDD
—
LA10/LALE
H29
O
LBVDD
—
LBCTL
A22
O
LBVDD
—
LCLK0
B22
O
LBVDD
—
Table 68. TePBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More