Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCIMX515CJM6C Fiches technique(PDF) 159 Page - Freescale Semiconductor, Inc

No de pièce PCIMX515CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX515CJM6C Fiches technique(HTML) 159 Page - Freescale Semiconductor, Inc

Back Button PCIMX515CJM6C Datasheet HTML 155Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 156Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 157Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 158Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 159Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 160Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 161Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 162Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 163Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 184 page
background image
Package Information and Contact Assignments
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
159
Preliminary—Subject to Change Without Notice
NVCC_IPU2
T18
NVCC_IPU4
G16
NVCC_IPU5
H17
NVCC_IPU6
J17
NVCC_IPU7
K17
NVCC_IPU8
P18
NVCC_IPU9
R18
NVCC_NANDF_A
E6, F5
NVCC_NANDF_B
G9
NVCC_NANDF_C
G10
NVCC_OSC
W17
NVCC_PER3
U18
NVCC_PER5
G15
NVCC_PER8
H16
NVCC_PER9
H10
NVCC_PER10
H11
NVCC_PER11
G11
NVCC_PER12
G12
NVCC_PER13
G13
NVCC_PER14
U13
NVCC_PER15
H15
NVCC_PER17
G14
NVCC_SRTC_POW
U14
NVCC_TV_BACK
U16
NVCC_USBPHY
L17
RREFEXT
K19
SGND
J11
SVCC
H14
SVDDGP
F13
TVDAC_DHVDD
V16
VBUS
K20
VCC
H13, J15, J16, K15, K16, L7, L15, M7, N7, N17, P7, P17, R17, T8, T9, T10, T11, T12, T17
VDD_ANA_PLL_A
V6
Table 113. 19
× 19 mm Ground, Power, Sense, and Reference Contact Assignments (continued)
Contact Name
Contact Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More