| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8533ECVTALJB Fiches technique(PDF) 83 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8533ECVTALJB Fiches technique(HTML) 83 Page - Freescale Semiconductor, Inc |
|
83 / 116 page ![]() MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3 Freescale Semiconductor 83 Package Description Ethernet Management Interface EC_MDC AC7 O OVDD 4, 8, 14 EC_MDIO Y9 I/O OVDD — Gigabit Reference Clock EC_GTX_CLK125 T2 I LVDD — Three-Speed Ethernet Controller (Gigabit Ethernet 1) TSEC1_RXD[7:0] U10, U9, T10, T9, U8, T8, T7, T6 I LVDD — TSEC1_TXD[7:0] T5, U5, V5, V3, V2, V1, U2, U1 O LVDD 4, 8, 14 TSEC1_COL R5 I LVDD — TSEC1_CRS T4 I/O LVDD 16 TSEC1_GTX_CLK T1 O LVDD — TSEC1_RX_CLK V7 I LVDD — TSEC1_RX_DV U7 I LVDD — TSEC1_RX_ER R9 I LVDD 4, 8 TSEC1_TX_CLK V6 I LVDD — TSEC1_TX_EN U4 O LVDD 22 TSEC1_TX_ER T3 O LVDD — Three-Speed Ethernet Controller (Gigabit Ethernet 3) TSEC3_RXD[7:0] P11, N11, M11, L11, R8, N10, N9, P10 I LVDD — TSEC3_TXD[7:0] M7, N7, P7, M8, L7, R6, P6, M6 O LVDD 4, 8, 14 TSEC3_COL M9 I LVDD — TSEC3_CRS L9 I/O LVDD 16 TSEC3_GTX_CLK R7 O LVDD — TSEC3_RX_CLK P9 I LVDD — TSEC3_RX_DV P8 I LVDD — TSEC3_RX_ER R11 I LVDD — TSEC3_TX_CLK L10 I LVDD — TSEC3_TX_EN N6 O LVDD 22 TSEC3_TX_ER L8 O LVDD 4, 8 DUART UART_CTS[0:1] AH8, AF6 I OVDD — UART_RTS[0:1] AG8, AG9 O OVDD — Table 57. MPC8533E Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |