| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8377ECVRALFA Fiches technique(PDF) 90 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8377ECVRALFA Fiches technique(HTML) 90 Page - Freescale Semiconductor, Inc |
|
90 / 124 page ![]() MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 90 Freescale Semiconductor Package and Pin Listings MDQ8 D7 I/O GVDD 11 MDQ9 E8 I/O GVDD 11 MDQ10 B1 I/O GVDD 11 MDQ11 D5 I/O GVDD 11 MDQ12 B3 I/O GVDD 11 MDQ13 D6 I/O GVDD 11 MDQ14 C3 I/O GVDD 11 MDQ15 C2 I/O GVDD 11 MDQ16 D4 I/O GVDD 11 MDQ17 E6 I/O GVDD 11 MDQ18 F6 I/O GVDD 11 MDQ19 G4 I/O GVDD 11 MDQ20 F8 I/O GVDD 11 MDQ21 E4 I/O GVDD 11 MDQ22 C1 I/O GVDD 11 MDQ23 G6 I/O GVDD 11 MDQ24 F2 I/O GVDD 11 MDQ25 G5 I/O GVDD 11 MDQ26 H6 I/O GVDD 11 MDQ27 H4 I/O GVDD 11 MDQ28 D1 I/O GVDD 11 MDQ29 G3 I/O GVDD 11 MDQ30 H5 I/O GVDD 11 MDQ31 F1 I/O GVDD 11 MDQ32 W6 I/O GVDD 11 MDQ33 AC1 I/O GVDD 11 MDQ34 AC3 I/O GVDD 11 MDQ35 AE1 I/O GVDD 11 MDQ36 V6 I/O GVDD 11 MDQ37 Y5 I/O GVDD 11 MDQ38 AA4 I/O GVDD 11 MDQ39 AB6 I/O GVDD 11 MDQ40 AD3 I/O GVDD 11 Table 71. TePBGA II Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |