Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8533ECVTANFB Fiches technique(PDF) 98 Page - Freescale Semiconductor, Inc

No de pièce MPC8533ECVTANFB
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8533ECVTANFB Fiches technique(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button MPC8533ECVTANFB Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8533ECVTANFB Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8533ECVTANFB Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8533ECVTANFB Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8533ECVTANFB Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8533ECVTANFB Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8533ECVTANFB Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8533ECVTANFB Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8533ECVTANFB Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 116 page
background image
MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
98
Freescale Semiconductor
Thermal
Figure 58 depicts the primary heat transfer path for a package with an attached heat sink mounted to a
printed-circuit board.
Figure 58. Package with Heat Sink Mounted to a Printed-Circuit Board
The heat sink removes most of the heat from the device. Heat generated on the active side of the chip is
conducted through the silicon and through the heat sink attach material (or thermal interface material), and
finally to the heat sink. The junction-to-case thermal resistance is low enough that the heat sink attach
material and heat sink thermal resistance are the dominant terms.
20.3.2
Thermal Interface Materials
A thermal interface material is required at the package-to-heat sink interface to minimize the thermal
contact resistance. For those applications where the heat sink is attached by spring clip mechanism,
Figure 59 shows the thermal performance of three thin-sheet thermal-interface materials (silicone,
graphite/oil, floroether oil), a bare joint, and a joint with thermal grease as a function of contact pressure.
As shown, the performance of these thermal interface materials improves with increasing contact pressure.
The use of thermal grease significantly reduces the interface thermal resistance. The bare joint results in a
thermal resistance approximately six times greater than the thermal grease joint.
Heat sinks are attached to the package by means of a spring clip to holes in the printed-circuit board (see
Figure 57). Therefore, the synthetic grease offers the best thermal performance, especially at the low
interface pressure.
External Resistance
External Resistance
Internal Resistance
Radiation
Convection
Radiation
Convection
Heat Sink
Printed-Circuit Board
Thermal Interface Material
Package/Leads
Die Junction
Die/Package
(Note the internal versus external package resistance.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More