| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8378ECVRANGA Fiches technique(PDF) 90 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8378ECVRANGA Fiches technique(HTML) 90 Page - Freescale Semiconductor, Inc |
|
90 / 126 page ![]() MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 90 Freescale Semiconductor Package and Pin Listings PCI_CLK/PCI_SYNC_IN C10 I OVDD — PCI_SYNC_OUT N24 O OVDD 3 PCI_CLK0 L24 O OVDD — PCI_CLK1 M24 O OVDD — PCI_CLK2 M25 O OVDD — PCI_CLK3 M26 O OVDD — PCI_CLK4 L26 O OVDD — RTC/PIT_CLOCK AF11 I OVDD — DDR SDRAM Memory Interface MA0 U3 O GVDD — MA1 U1 O GVDD — MA2 T5 O GVDD — MA3 T3 O GVDD — MA4 T2 O GVDD — MA5 T1 O GVDD — MA6 R1 O GVDD — MA7 P2 O GVDD — MA8 P1 O GVDD — MA9 N4 O GVDD — MA10 V3 O GVDD — MA11 M5 O GVDD — MA12 N1 O GVDD — MA13 M2 O GVDD — MA14 M1 O GVDD — MBA0 U5 O GVDD — MBA1 U4 O GVDD — MBA2 M3 O GVDD — MCAS_B W5 O GVDD — MCK_B0 H1 O GVDD — MCK_B1 K1 O GVDD — MCK_B2 V1 O GVDD — MCK_B3 W2 O GVDD — Table 67. TePBGA II Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |