| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5643LF0VLQ1 Fiches technique(PDF) 32 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5643LF0VLQ1 Fiches technique(HTML) 32 Page - Freescale Semiconductor, Inc |
|
32 / 98 page ![]() MPC5643L Microcontroller Data Sheet, Rev. 3 Preliminary—Subject to Change Without Notice Package pinouts and signal descriptions Freescale Semiconductor 32 E2 F[6] / siul_GPIO[86] / npc_wrapper_MDO[1] E3 D[1] / siul_GPIO[49] / etimer1_ETC[2] / ctu0_EXT_TGR / flexray_CA_RX E4 NMI E5 NP3 E6 NP3 E7 NP3 E8 NP3 E9 NP3 E10 NP3 E11 NP3 E12 NP3 E13 NP3 E14 NC1 E15 C[14] / siul_GPIO[46] / etimer1_ETC[2] / ctu0_EXT_TGR E16 G[2] / siul_GPIO[98] / flexpwm0_X[2] / dspi1_CS1 E17 I[3] / siul_GPIO[131] / etimer2_ETC[3] / dspi0_CS7 / ctu0_EXT_TGR / flexpwm1_FAULT[3] F1 H[1] / siul_GPIO[113] / npc_wrapper_MDO[6] F2 G[12] / siul_GPIO[108] / npc_wrapper_MDO[11] F3 A[7] / siul_GPIO[7] / dspi1_MOSI / siul_EIRQ[7] F4 A[8] / siul_GPIO[8] / dspi1_MISO / siul_EIRQ[8] F5 NP3 F6 VDD_LV_CORE_RING F7 VDD_LV_CORE_RING F8 VDD_LV_CORE_RING F9 VDD_LV_CORE_RING F10 VDD_LV_CORE_RING F11 VDD_LV_CORE_RING F12 VDD_LV_CORE_RING F13 NP3 F14 NC1 F15 C[13] / siul_GPIO[45] / etimer1_ETC[1] / ctu0_EXT_IN / flexpwm0_EXT_SYNC F16 I[2] / siul_GPIO[130] / etimer2_ETC[2] / dspi0_CS6 / flexpwm1_FAULT[2] F17 G[4] / siul_GPIO[100] / flexpwm0_B[2] / etimer0_ETC[5] G1 H[3] / siul_GPIO[115] / npc_wrapper_MDO[4] G2 VDD_HV_IO_RING Table 4. 257 MAPBGA concatenated ball names (continued) Ball No. Concatenated Pin Names |