| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8377ECVRAGGA Fiches technique(PDF) 95 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8377ECVRAGGA Fiches technique(HTML) 95 Page - Freescale Semiconductor, Inc |
|
95 / 124 page ![]() MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 Freescale Semiconductor 95 Package and Pin Listings TSEC1_RXD3 AD21 I LVDD1 — TSEC1_TX_CLK AJ22 I LVDD1 — TSEC1_TX_EN AG23 O LVDD1 — TSEC1_TX_ER/CFG_LBMUX AH22 I/O LVDD1 — TSEC1_TXD0/ CFG_RESET_SOURCE[0] AD23 I/O LVDD1 — TSEC1_TXD1/ CFG_RESET_SOURCE[1] AE23 I/O LVDD1 — TSEC1_TXD2/ CFG_RESET_SOURCE[2] AF23 I/O LVDD1 — TSEC1_TXD3/ CFG_RESET_SOURCE[3] AJ24 I/O LVDD1 — EC_GTX_CLK125 AH24 I LVDD1 — EC_MDC/CFG_CLKIN_DIV AJ21 I/O LVDD1 — EC_MDIO AH21 I/O LVDD1 — eTSEC2/GPIO1 Interface TSEC2_COL/GPIO1[21]/ TSEC1_TMR_TRIG1 AJ27 I/O LVDD2 — TSEC2_CRS/GPIO1[22]/ TSEC1_TMR_TRIG2 AG29 I/O LVDD2 — TSEC2_GTX_CLK AF28 O LVDD2 — TSEC2_RX_CLK/ TSEC1_TMR_CLK AF25 I LVDD2 — TSEC2_RX_DV/GPIO1[23] AF26 I/O LVDD2 — TSEC2_RX_ER/GPIO1[25] AG25 I/O LVDD2 — TSEC2_RXD0/GPIO1[16] AE28 I/O LVDD2 — TSEC2_RXD1/GPIO1[15] AE29 I/O LVDD2 — TSEC2_RXD2/GPIO1[14] AH26 I/O LVDD2 — TSEC2_RXD3/GPIO1[13] AH25 I/O LVDD2 — TSEC2_TX_CLK/GPIO2[24]/ TSEC1_TMR_GCLK AG28 I/O LVDD2 — TSEC2_TX_EN/GPIO1[12]/ TSEC1_TMR_ALARM2 AJ26 I/O LVDD2 — TSEC2_TX_ER/GPIO1[24]/ TSEC1_TMR_ALARM1 AG26 I/O LVDD2 — TSEC2_TXD0/GPIO1[20] AH28 I/O LVDD2 — Table 71. TePBGA II Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |